Part Number Hot Search : 
56F80 EER90 LTM4613 003901 222MR 31006 MAX1535 C3950
Product Description
Full Text Search
 

To Download ARL151 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  button automotive rectifier e-mail: sales@cnmic.com web site: www.cnmic.com voltage range 50 to 600 volts arl1505 thru arl156 current 15.0 amperes features low leakage low forward voltage drop high current capability high forward surge current capacity mechanical data technology: cell with vacuum soldered case: transfer molded plastic epoxy: ul94v-0 rate flame retardant lead: plated lead , solderable per mil-std-202e method 208c polarity: color ring denotes cathode end mounting position: any weight: 0.083 ounces, 2.32 grams maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified single phase, half wave, 60hz, resistive or inductive load for capacitive load derate current by 20% symbols arl1505 ARL151 arl152 arl154 arl156 unit maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 volts maximum rms voltage v rms 35 70 140 280 420 volts maximum dc blocking voltage v dc 50 100 200 400 600 volts maximum average forward rectified current, at tc=110 i o 15.0 amps peak forward surge current 3.3ms single half sine wave superimposed on rated load (jedec method) i fsm 300 amps rating for fusing (t 8.3ms) i 2 t 374 a 2 s maximum instantaneous forward voltage at 80a v f 1.1 volts 5.0 maximum dc reverse current at rated ta=25 dc blocking voltage per element ta=100 i r 250 ua typical thermal resistance r jc 1.0 /w operating and storage temperature range t j ,t stg (-65 to +175) polarity and voltage demotion color band red yellow silver green green notes: 1. enough heatsink must be considered in application. ar-l dimensions in inches and (millimeters) 0.252(6.4) 0.236(6.0) 1.0(25.4) min 1.0(25.4) min 0.047(1.2)typ 0.051(1.3)dia 0.382(9.7)typ 0.409(10.4)dia
button automotive rectifier e-mail: sales@cnmic.com web site: www.cnmic.com voltage range 50 to 600 volts arl1505 thru arl156 current 15.0 amperes ratings and characteristic curves arl1505 thru arl156 f1g.4 forward rower dissipation f1g.3 typical instantaneous forward characteristics f1g.2 maximum non-repetitive peak forward surge current f1g.1 typical forward current derating gurve average forward current, (a) a v e r a g e p o w e r d i s s i p a t i o n ( w ) 30 20 10 0 25 20 15 10 5 0 square wave i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) instantaneous forward voltage,(v) 1000 100 10 1.0 0.1 1.41.62.0 1.8 1.01.2 0.8 0.6 t1=25 pulse width=300 s 1%duty cycle 1 cycle number of cycles at 60 hz 100 60 40 20 10 8 6 4 2 0 1 200 100 300 p e a k f o r w a r d s u r g e c u r r e n t , ( a ) 8.3ms single half sine-wave (jedec method) tj=tj max a v e r a g e f o r w a r d c u r r e n t , ( a ) case temperature, () 110 125 100150175 75 50 25 0 0 single phase half wave 60hz resistive or inductive load 0.375 (9.5mm) lead length 15 10 5


▲Up To Search▲   

 
Price & Availability of ARL151

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X